Part Number Hot Search : 
MAX6241 10MU10NU 74LCX 6404A 6404A SBM37PT SAB80515 2X006
Product Description
Full Text Search
 

To Download ZTX618 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ISSUE 2 JULY 1995 FEATURES * 10A Peak pulse current * Excellent hFE characteristics up to10A (pulsed) * Extremely low saturation voltage e.g. 7mV typ. * IC cont 3.5A APPLICATIONS * Power MOSFET gate driver in conjunction with complementary ZTX718
ZTX618
C B
E
E-Line TO92 Compatible
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Peak Pulse Current Continuous Collector Current Base Current Practical Power Dissipation* Power Dissipation Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO ICM IC IB Ptotp Ptot Tj:Tstg VALUE 20 20 5 10 3.5 500 1.5 1 -55 to +200 UNIT V V V A A mA W W C
* Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
ZTX618
ELECTRICAL CHARACTERISTICS (at Tamb = 25C unless otherwise stated).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Base-Emitter Turn-On Voltage Static Forward Current Transfer Ratio Transition Frequency Output Capacitance Turn-On Time Turn-Off Time SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO ICES VCE(sat) 7 80 210 0.93 0.86 200 300 170 40 100 400 450 300 85 140 23 170 400 30 MHz pF ns ns MIN. 20 20 5 TYP. 100 27 8.3 100 100 100 15 150 255 1.05 1.0 MAX. UNIT V V V nA nA nA mV mV mV V V CONDITIONS. IC=100A IC=10mA* IE=100A VCB=16V VEB=4V VCES=16V IC=0.1A, IB=10mA* IC=1A, IB=10mA* IC=3.5A, IB=50mA* IC=3.5A, IB=50mA* IC=3.5A, VCE=2V* IC=10mA, VCE=2V* IC=200mA, VCE=2V* IC=3A, VCE=2V* IC=10A, VCE=2V* IC=50mA, VCE=10V f=100MHz VCB=10V, f=1MHz VCC=10V, IC=1A IB1=-IB2=10mA
VBE(sat) VBE(on) hFE
fT Cobo t(on) t(off)
*Measured under pulsed conditions. Pulse width=300s. Duty cycle 2%
ZTX618
TYPICAL CHARACTERISTICS
0.4 25C 0.4 I+/I*=50 0.3 I+/I*=100 I+/I*=50 I+/I*=10 0.3
100C
0.2 0.1
0.2
25C -55C
0.1 0
0
1mA
10mA
100mA
1A
10A
1mA
10mA
100mA
1A
10A
IC-Collector Current
IC-Collector Current
VCE(sat) v IC
V+-=2V 1.2 1.0
25C
VCE(sat) v IC
I+/I*=50
100C
450
0.8 0.6
-55C 25C
225
100C
-55C
0.4 0.2
0
1mA
10mA
100mA
1A
10A
0
1mA
10mA
100mA
1A
10A
IC-Collector Current
IC-Collector Current
hFE v IC
1.0 0.8 0.6 0.4 0.2 0 0.01 0.1V V+-=2V
-55C
VBE(sat) v Ic
10 Single Pulse Test Tamb=25C
1
25C 100C
DC 1s 100ms 10ms 1ms 100s
0.1
1mA
10mA
100mA
1A
10A
1V
10V
100V
IC-Collector Current
VCE - Collector Voltage
VBE(on) v IC
Safe Operating Area
ZTX618
THERMAL CHARACTERISTICS
PARAMETER Thermal Resistance: Junction to Ambient1 Junction to Ambient2 SYMBOL Rth(j-amb)1 Rth(j-amb)2 MAX. 175 116 UNIT C/W C/W
Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
160 140 120 100 80 60 40 20 0
D=1(D.C.) t1 D=t1 tP
Max Power Dissipation - (Watts)
180
1.0
0.75
pe em tt en bi Am
tP D=0.5
0.50
r tu ra
D=0.2 D=0.1 D=0.05 Single Pulse
e
0.25
0.1ms
1ms
10ms
100ms
1s
10s
100s
-40
0
40
80
120
160
200
Pulse Width
T -Temperature ( C)
Transient Thermal Resistance
Derating curve
Zetex plc. Fields New Road, Chadderton, Oldham, OL9-8NP, United Kingdom. Telephone: (44)161 622 4422 (Sales), (44)161 622 4444 (General Enquiries) Fax: (44)161 622 4420 Zetex GmbH Streitfeldstrae 19 D-81673 Munchen Germany Telefon: (49) 89 45 49 49 0 Fax: (49) 89 45 49 49 49 Zetex Inc. 47 Mall Drive, Unit 4 Commack NY 11725 USA Telephone: (516) 543-7100 Fax: (516) 864-7630 Zetex (Asia) Ltd. 3510 Metroplaza, Tower 2 Hing Fong Road, Kwai Fong, Hong Kong Telephone:(852) 26100 611 Fax: (852) 24250 494 These are supported by agents and distributors in major countries world-wide (c)Zetex plc 1997 Internet: http://www.zetex.com
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.


▲Up To Search▲   

 
Price & Availability of ZTX618

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X